PART |
Description |
Maker |
IS24C02 IS24C08 IS24C04 IS24C01 24C16 IS24C16-3PI |
16,384-BIT SERIAL ELECTRICALLY ERASABLE PROM From old datasheet system 301K 1% 100PPM TF 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 RES 2.7 OHM 5% 0.1 W METAL FILM SMT 0805 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 1K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 128 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 2K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 RESISTOR,309,CR0805 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2线串行EEPROM中的CMOS
|
Integrated Silicon Solu... Integrated Silicon Solution Inc ISSI[Integrated Silicon Solution, Inc] Integrated Silicon Solution, Inc. Integrated Silicon Solution...
|
5962-8766505YA 5962-8766503YA 5962-8766507UA 5962- |
Complete High-Speed CMOS, 12-Bit ADC CMOS, 8-Bit-Compatible, 12-Bit DAC CMOS 12-Bit Buffered Multiplying DACs 16-Bit Microprocessor 16位微处理
|
Electronic Theatre Controls, Inc.
|
AM41DL32X4GB70IS AM41DL32X4GB70IT AM41DL32X4GB85IS |
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
|
AMD[Advanced Micro Devices] SPANSION
|
W25X10A W25X10AVDAIZ W25X10AVSNIG W25X10AVZPIG |
1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
|
Winbond
|
W25X40A W25X40AVZPIG W25X20A |
1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
|
Winbond
|
M6MGT331S8AKT M6MGB331S8AKT |
33,554,432-BIT (2,097,152 - WORD BY 16-BIT /4,194,304-WORD BY 8-BIT) CMOS FLASH MEMORY & 8,388,608-BIT (524,288-WORD BY 16-BIT /1,048,576-WORD BY 8-BI
|
Renesas Electronics Corporation
|
M6MGB331S8BKT M6MGT331S8BKT |
33,554,432-BIT (2,097,152 - WORD BY 16-BIT /4,194,304-WORD BY 8-BIT) CMOS FLASH MEMORY & 8,388,608-BIT (524,288-WORD BY 16-BIT /1,048,576-WORD BY 8-BI
|
Renesas Electronics Corporation.
|
LPC2103 |
Single-chip 16-bit/32-bit microcontrollers; 8 kB/16 kB/32 kB flash with ISP/IAP, fast ports and 10-bit ADC 单芯6-bit/32-bit微控制器; 8 kB/16 kB/32具有ISP /联合会,快速端口和10位ADC kB闪存
|
NXP Semiconductors N.V.
|
MAX160-MX7574 MX7574 MAX7574TD MAX7574SQ MAX7574AQ |
Microprocessor compatible 8-bit A/D converter. Fast conversion time 15microsec. Error -3/4 LSB. Hex Schmitt-trigger Inverters 14-CFP -55 to 125 μP Compatible 8 Bit A/D Converter ヌP COMPATIBLE 8 BIT A/D CONVERTER 10 AMP MINIATURE POWER RELAY レP Compatible 8 Bit A/D Converter 1-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, UUC18 ?? Compatible 8 Bit A/D Converter
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
MR53V8052J |
524,288-Word X 16-Bit or 1,048,576-Word X 8-Bit 8Word X 16-Bit or 16Word X 8-Bit/Page Mode MASK ROM From old datasheet system
|
OKI
|
MR53V3252J |
2,097,152-Word X 16-Bit or 4,194,304-Word X 8-Bit 8Word X 16-Bit or 16Word X 8-Bit/Page Mode MASK ROM From old datasheet system
|
OKI
|